Part Number Hot Search : 
SCD1284 LT1618 66BGC CA3126 0512SH 24C08 MOF5W 05211
Product Description
Full Text Search
 

To Download CC56-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA GREEN
Features
!0.56 INCH DIGIT HEIGHT. !LOW CURRENT OPERATION. !EXCELLENT CHARACTER APPEARANCE. !EASY
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
MOUNTING ON P.C. BOARDS OR SOCKETS.
!I.C. COMPATIBLE. !MECHANICALLY RUGGED. !STANDARD
: GRAY FACE, WHITE SEGMENT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO:DSAC3250 APPROVED:J.LU
REV NO: V.2 CHECKED:Joe Lee
DATE:APR/25/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 3
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (u c d ) @ 10 m A D es c r i p t i o n Min . CC56-11GWA GREEN (GaP) WHITE DIFFUSED 3000 Ty p . 10500 Common Cathode,Rt.Hand Decimal
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C VF IR P ar am et er Peak Wavelength Dominate Wavelength Green Green D ev i c e Ty p . 565 568 30 15 2.2 2.5 10 Max . Un its nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Spectral Line Half-width Green Capacitance Forward Voltage Reverse Current Green Green Green
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Gr een 105 25 140 5 -40 C To +85C 260 C For 5 Seconds
Un its mW mA mA V
SPEC NO:DSAC3250 APPROVED:J.LU
REV NO: V.2 CHECKED:Joe Lee
DATE:APR/25/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 3
Green
CC56-11GWA
SPEC NO:DSAC3250 APPROVED:J.LU
REV NO: V.2 CHECKED:Joe Lee
DATE:APR/25/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of CC56-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X